Part Number Hot Search : 
24C016 CP8053 V33CH8 11105 MHP2151J 2EZ30D5 AD624B 12500
Product Description
Full Text Search
 

To Download H1420 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN S I L I C O N T RA N S I S T O R
Shantou Huashan Electronic Devices Co.,Ltd.
H1420
GENERAL PURPOSE AMPLIFIER AND LOW NOISE
AMPLIFIER APPLICATIONS
ABSOLUTE MAXIMUM RATINGSTa=25
T stg ----Storage Temperature.............................. -55~150 T j ----Junction Temperature.......................................150 PC----Collector Dissipation.......................................625mW VCBO----Collector-Base Voltage....................................60V VCEO----Collector-Emitter Voltage.................................60V V EB O ----Emitter-Base Voltage....................................7V I C ----Collector Current..........................................200mA IC----Collector Current..........................................300mA IB----Base Current...................................................200mA
TO-92
1EmitterE 2BaseB 3Collector C
ELECTRICAL CHARACTERISTICSTa=25
Symbol Characteristics Collector-Emitter Breakdown Voltage Collector Cut-off Current Min Typ Max Unit Test Conditions
BVCEO ICBO IEBO HFE VCE(sat) VBE fT Cob
60 50 100 70 700 0.22 1.0 150 400 3.5
V nA nA V V pF
IC=1mA, IB=0 VCB=40V, IE=0 VEB=6V, IC=0 VCE=5V, IC=2mA IC=50mA, IB=10mA VCE=5V, IC=2mA VCB=10V, IE=0f=1MHz
Emitter Cut-off Current DC Current Gain Collector- Emitter Saturation Voltage Base-Emitter Voltage
Current Gain-Bandwidth Product
MHz VCE=5V, IC=10mA
Output Capacitance


▲Up To Search▲   

 
Price & Availability of H1420

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X